Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 374 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 374 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 370Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 371Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 372Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 373Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 374Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 375Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 376Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 377Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 378Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 662 page
background image
Counting Modes Definitions
5685X Digital Signal Controller User Manual, Rev. 4
13-8
Freescale Semiconductor
counters are operating in a ripple mode, where higher order counters will transition a
clock later than a purely synchronous design.
13.7.10 Pulse Output Mode
The Counter will output a pulse stream of pulses with the same frequency of the selected clock
source (can not be IPBus clock divided by one) if the counter is setup for:
•
Count mode (mode = 001)
•
The OFLAG Output mode is set to 111 (Gated Clock Output)
•
The Count Once bit is set
The number of output pulses is equal to the compare value minus the initial value. This mode is
useful for driving step motor systems.
Note:
Primary count source must be set to one of the counter outputs for gated clock output
mode.
13.7.11 Fixed Frequency PWM Mode
The Counter output yields a Pulse Width Modulated (PWM) signal with a frequency equal to the
count clock frequency divided by 65,536. It has a pulse width duty cycle equal to the compare
value divided by 65,536 if the counter is setup for:
•
Count mode (mode = 001)
•
Count through roll-over (Count Length = 0)
•
Continuous count (Count Once = 0)
•
OFLAG Output mode is 110 (set on compare, cleared on counter rollover)
This mode of operation is often used to drive PWM amplifiers used to power motors and
inverters.
13.7.12 Variable Frequency PWM Mode
If the counter is setup for:
•
Count mode (Mode = 001)
•
Count till compare (Count Length = 1)
•
Continuous count (Count Once = 0)
•
OFLAG Output mode is 100 (toggle OFLAG and alternate compare registers)
the counter output yields a Pulse Width Modulated (PWM) signal whose frequency and pulse
width is determined by the values programmed into the TMR_CMP1 and TMR_CMP2 registers,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com