Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 377 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 377 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 373Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 374Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 375Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 376Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 377Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 378Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 379Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 380Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 381Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 662 page
background image
Register Descriptions (TMR_BASE = $1FFE80)
Quad Timer (TMR), Rev. 4
Freescale Semiconductor
13-11
13.9 Register Descriptions (TMR_BASE = $1FFE80)
13.9.1 Timer Control Registers (CTL)
There are four Timer Control Registers in this occurrence. Their addresses are:
TMRA0_CTRL (Timer A, Channel 0 Control)—Address: TMRA_BASE + $6
TMRA1_CTRL (Timer A, Channel 1 Control)—Address: TMRA_BASE + $E
TMRA2_CTRL (Timer A, Channel 2 Control)—Address: TMRA_BASE + $16
TMRA3_CTRL (Timer A, Channel 3 Control)—Address: TMRA_BASE + $1E
Figure 13-4. TMR Control Register (CTL)
See Programmer’s Sheet on Appendix page B - 90
13.9.1.1 Count Mode (CM)—Bits 15–13
These bits control the basic counting behavior of the counter.
•
000 = No operation
•
001 = Count rising edges of primary source
1
•
010 = Count rising and falling edges of primary source
•
011 = Count rising edges of primary source while secondary input high active1
•
100 = Quadrature count mode, uses primary and secondary sources
•
101 = Count rising edges of primary source; secondary source specifies direction
(1 = minus)
1
•
110 = Edge of secondary source triggers primary count until compare
•
111 = Cascaded Counter mode (up/down)2
13.9.1.2 Primary Count Source (PCS)—Bits 12–9
These bits select the primary count source.
•
0000 = Counter 0 input pin (TIO0)
•
0001 = Counter 1 input pin (TIO1)
•
0010 = Counter 2 input pin (TIO2)
Base + $6, $E,
$16, $1E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
CM
PCS
SCS
ONCE LENGTH
DIR
EXT
INIT
OM (OFLAG)
Write
Reset
0
0
0
0
000
000
0
0
0
0
0
0
1. Rising edges counted only when IPS = 0. Falling edges counted when IPS = 1.
2. Primary count source must be set to one of the counter outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com