Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 378 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 378 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 374Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 375Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 376Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 377Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 378Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 379Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 380Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 381Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 382Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 662 page
background image
Register Descriptions (TMR_BASE = $1FFE80)
5685X Digital Signal Controller User Manual, Rev. 4
13-12
Freescale Semiconductor
•
0011 = Counter 3 input pin (TIO3)
•
0100 = Counter 0 output pin (OFLAG0)
•
0101 = Counter 1 output pin (OFLAG1)
•
0110 = Counter 2 output pin (OFLAG2)
•
0111 = Counter 3 output pin (OFLAG3)
•
1000 = Prescaler (IPBus clock divide-by 1)
•
1001 = Prescaler (IPBus clock divide-by 2)
•
1010 = Prescaler (IPBus clock divide-by 4)
•
1011 = Prescaler (IPBus clock divide-by 8)
•
1100 = Prescaler (IPBus clock divide-by 16)
•
1101 = Prescaler (IPBus clock divide-by 32)
•
1110 = Prescaler (IPBus clock divide-by 64)
•
1111 = Prescaler (IPBus clock divide-by 128)
Note:
A timer selecting its own output for input is not a legal choice. The result is no
counting.
13.9.1.3 Secondary Count Source (SCS)—Bits 8–7
These bits provide additional information, such as direction used for counting. They also define
the source used by both the Capture mode bits and the Input Edge Flag in the Channel Status and
Control register.
•
00 = Counter 0 input pin (TIO0)
•
01 = Counter 1 input pin (TIO1)
•
10 = Counter 2 input pin (TIO2)
•
11 = Counter 3 input pin (TIO3)
13.9.1.4 Count Once (ONCE)—Bit 6
This bit select continuous or one-shot counting mode.
•
0 = Count repeatedly
•
1 = Count till compare and then stop. If counting up, successful compare occurs when
counter reaches CMP1 value. If counting down, successful compare occurs when counter
reaches CMP2 value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com