Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 373 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 373 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 369Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 370Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 371Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 372Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 373Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 374Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 375Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 376Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 377Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 662 page
background image
Counting Modes Definitions
Quad Timer (TMR), Rev. 4
Freescale Semiconductor
13-7
13.7.6 Signed Count Mode
If the Count mode field is set to 101, the counter counts the primary clock source while the
selected secondary source provides the selected count direction (up/down).
13.7.7 Triggered Count Mode
If the Count mode field is set to 110, the counter will begin counting the primary clock source
after a positive transition (Negative Edge if IPS = 1) of the secondary input occurs. The counting
will continue until a compare event occurs, or another positive input transition is detected. If a
second input transition occurs before a terminal count was reached, counting will stop.
Subsequent odd numbered edges of the secondary input will restart counting, while even
numbered edges will stop counting. This will continue until a compare event occurs.
13.7.8 One-Shot Mode
This is a sub mode of triggered event Count mode if the Count mode field is set to 110 while:
•
Count Length (LENGTH) is set
•
OFLAG Output mode is set to 101
•
ONCE bit of the Control (CTRL) register is set to 1
In the above setting, the counter works in a One-Shot mode. An external event causes the counter
to count. When terminal count is reached, the OFLAG output is asserted. This delayed output
assertion can be used to provide timing delays.
13.7.9 Cascade Count Mode
If the Count mode field is set to 111, the counter’s input is connected to the output of another
selected counter. The counter will count up and down as compare events occur in the selected
source counter. This Cascade or Daisy Chained mode enables multiple counters to be cascaded in
order to yield longer counter lengths. When operating in the Cascade mode, a special high speed
signal path is used not using the OFLAG Output signal. If the Selected Source Counter is
counting up, and it experiences a compare event, the counter will be incremented. If the Selected
Source Counter is counting down and it experiences a compare event, the counter will be
decremented. Up to four counters may be cascaded to create a 64-bit wide synchronous counter.
Whenever any counter is read within a Counter module, all of the counters’ values within the
module are captured in their respective Hold Registers. This action supports the reading of a
cascaded counter chain. First read any counter of a cascaded counter chain, then read the Hold
Registers of the other counters in the chain. The Cascaded Counter mode is synchronous.
Note:
It is possible to connect counters together by using the other (non-cascade) Counter
modes and selecting the outputs of other counters as a clock source. In this case, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com