Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 372 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 372 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 368Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 369Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 370Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 371Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 372Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 373Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 374Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 375Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 376Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 662 page
background image
Counting Modes Definitions
5685X Digital Signal Controller User Manual, Rev. 4
13-6
Freescale Semiconductor
13.7.2 Count Mode
If the Count mode field is set to 001, the counter will count the rising edges of the selected clock
source. This mode is useful for generating periodic interrupts for timing purposes, or counting
external events such as widgets on a conveyor belt passing a sensor. If the selected input is
inverted by setting the Input Polarity Select (IPS) bit, the negative edge of the selected external
input signal is counted.
13.7.3 Edge Count Mode
If the Count mode field is set to 010, the counter will count both edges of the selected external
clock source. This mode is useful for counting the changes in the external environment such as a
simple encoder wheel.
13.7.4 Gated Count Mode
If the Count mode field is set to 011, the counter will count while the selected secondary input
signal is high. This mode is used to time the duration of external events. If the selected input is
inverted by setting the Input Polarity Select (IPS) bit, the counter will count while the selected
secondary input is low.
13.7.5 Quadrature Count Mode
When the Count mode field is set to 100, the counter will decode the primary and secondary
external inputs as quadrature encoded signals. Quadrature signals are usually generated by rotary
or linear sensors used to monitor movement of motor shafts or mechanical equipment. The
quadrature signals are square waves, 90 degrees out-of-phase. The decoding of quadrature signal
provides both count and direction information. A timing diagram illustrating the basic operation
of a quadrature incremental position encoder is provided in Figure 13-2.
Figure 13-2. Quadrature Incremental Position Encoder
-1
-1
-1
-1
-1
-1
-1
PHASEA
COUNT
PHASEB
UP/DN
+1
+1
+1
+1
+1
+1
+1
+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com