Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 371 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 371 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 367Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 368Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 369Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 370Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 371Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 372Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 373Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 374Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 375Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 662 page
background image
Counting Modes Definitions
Quad Timer (TMR), Rev. 4
Freescale Semiconductor
13-5
The counter can count the rising, falling, or both edges of the selected input pin. The counter can
decode and count quadrature encoded input signals. The counter can count up and down using
dual inputs in a count with direction format. The counter’s terminal count value (modulo) is
programmable. The value loaded into the counter after reaching its terminal count is
programmable. The counter can count repeatedly, or it can stop after completing one count cycle.
The counter can be programmed to count to a programmed value and then immediately
reinitialize, or it can count through the compare value until the count rolls over to zero.
The external inputs to each counter/timer can be shared among each of the four counter/timers
within the module. The external inputs can be used as:
•
Count commands
•
Timer commands
•
Trigger current counter value to be captured
•
Generate interrupt requests
The polarity of the external inputs can be selected. For this implementation of the Timer (TMR),
there are four input pins. The primary output of each timer/counter is the output signal, OFLAG.
The OFLAG output signal can be set, cleared, or toggled when the counter reaches the
programmed value. The OFLAG output signal may be output to an external pin shared with an
external input signal (TIOx).
The OFLAG output signal enables each counter to generate square waves (PWM) or pulse stream
outputs. The polarity of the OFLAG output signal is selectable.
Any counter/timer can be assigned as a Master (MSTR). A master’s compare signal can be
broadcasted to the other counter/timers within the module. The other counters can be configured
to reinitialize their counters and/or force their OFLAG output signals to predetermined values
when a Master’s Counter/Timer compare event occurs.
13.7 Counting Modes Definitions
The selected external count signals are sampled at the TMR’s base clock rate (60MHz) and then
run through a transition detector. The maximum count rate is one-half of the base peripheral
clock rate. Internal clock sources can be used to clock the counters at the peripheral clock rate.
If a counter is programmed to count to a specific value and then stop, the Count mode in the
TMR_CTRL register is cleared when the count terminates.
13.7.1 Stop Mode
If the Count mode field is set to 000, the counter is inert. No counting will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com