Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 187 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 187 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 183Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 184Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 185Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 186Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 187Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 188Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 189Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 190Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 191Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 662 page
background image
Register Descriptions (ITCN_BASE = $1FFF20)
Overview, Rev. 4
Freescale Semiconductor
8-9
8.7.2 Interrupt Priority Register 1 (IPR1)
Figure 8-4. Interrupt Priority Register 1 (IPR1)
See Programmer’s Sheet on Appendix page B - 22
8.7.2.1 Reserved—Bits 15–6
These bits are reserved or not implemented. They are read as 0, but they cannot be modified by
writing.
8.7.2.2 EOnCE Receive Register Empty Interrupt Priority Level
(RX_REG IPL)—Bits 5–4
This bit field is used to set the interrupt priority levels for certain EOnCE IRQs. These IRQs are
limited to priorities one through three and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 1
•
10 = IRQ is priority level 2
•
11 = IRQ is priority level 3
8.7.2.3 EOnCE Transmit Register Full Interrupt Priority Level
(TX_REG IPL)—Bits 3–2
This bit field is used to set the interrupt priority levels for certain EOnCE IRQs. These IRQs are
limited to priorities one through three and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 1
•
10 = IRQ is priority level 2
•
11 = IRQ is priority level 3
8.7.2.4 EOnCE Trace Buffer Interrupt Priority Level (TRBUF IPL)—Bits 1–0
This bit field is used to set the interrupt priority levels for certain EOnCE IRQs. These IRQs are
limited to priorities one through three and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 1
•
10 = IRQ is priority level 2
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
RX_REG IPL
TX_REG IPL
TRBUF IPL
Write
Reset
00
0
0
00
0
0
0
0
0
0
0
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com