Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 190 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 190 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 186Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 187Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 188Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 189Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 190Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 191Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 192Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 193Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 194Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 662 page
background image
Register Descriptions (ITCN_BASE = $1FFF20)
5685X Digital Signal Controller User Manual, Rev. 4
8-12
Freescale Semiconductor
8.7.4 Interrupt Priority Register 3 (IPR3)
Figure 8-6. Interrupt Priority Register 3 (IPR3)
See Programmer’s Sheet on Appendix page B - 25
8.7.4.1 ESSI0 Transmit Data Interrupt Priority Level
(ESSI0_TD IPL)—Bits 15–14
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs
are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
8.7.4.2 ESSI0 Transmit Data with Exception Status Interrupt Priority Level
(ESSI0_TDES IPL)—Bits 13–12
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs
are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
8.7.4.3 ESSI0 Receive Last Slot Interrupt Priority Level
(ESSI0_RLS IPL)—Bits 11–10
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs
are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
Base + $3
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
ESS0_TD
IPL
ESS0_TDES
IPL
ESS0_RLS
IPL
ESS0_RD
IPL
ESS0_RDE
S IPL
DMA5 IPL
DMA4 IPL
DMA3 IPL
Write
Reset
0
00
000
00
00
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com