Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 191 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 191 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 187Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 188Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 189Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 190Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 191Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 192Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 193Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 194Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 195Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 662 page
background image
Register Descriptions (ITCN_BASE = $1FFF20)
Overview, Rev. 4
Freescale Semiconductor
8-13
8.7.4.4 ESSI0 Receive Data Interrupt Priority Level
(ESSI0_RD IPL)—Bits 9–8
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs
are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
8.7.4.5 ESSI0 Receive Data with Exception Status Interrupt Priority Level
(ESSI0_RDES IPL)—Bits 7–6
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs
are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
8.7.4.6 DMA 5 Done Interrupt Priority Level (DMA5 IPL)—Bits 5–4
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs
are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
8.7.4.7 DMA 4 Done Interrupt Priority Level (DMA4 IPL)—Bits 3–2
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs
are limited to priorities zero through two and are disabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com