Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 189 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 189 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 185Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 186Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 187Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 188Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 189Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 190Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 191Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 192Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 662 page
background image
Register Descriptions (ITCN_BASE = $1FFF20)
Overview, Rev. 4
Freescale Semiconductor
8-11
8.7.3.4 Reserved—Bits 9–8
These bits are reserved, or are not implemented. They are read as 0, but they cannot be modified
by writing.
8.7.3.5 PLL Loss of Lock Interrupt Priority Level (LOCK IPL)—Bits 7–6
This bit field is used to set the interrupt priority levels for certain EOnCE IRQs. These IRQs are
limited to priorities one through three and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
8.7.3.6 Reserved—Bits 5–4
These bits are reserved, or are not implemented. They are read as 0, but cannot be modified by
writing.
8.7.3.7 External IRQ B Interrupt Priority Level (IRQB IPL)—Bits 3–2
This bit field is used to set the interrupt priority levels for certain EOnCE IRQs. These IRQs are
limited to priorities one through three and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2
8.7.3.8 External IRQ A Interrupt Priority Level (IRQA IPL)—Bits 1–0
This bit field is used to set the interrupt priority levels for certain peripheral IRQs. These IRQs
are limited to priorities zero through two and are disabled by default.
•
00 = IRQ disabled (default)
•
01 = IRQ is priority level 0
•
10 = IRQ is priority level 1
•
11 = IRQ is priority level 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com