Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 120 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 120 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 116Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 117Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 118Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 119Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 120Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 121Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 122Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 123Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 124Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 394 page
background image
120 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
120 • June 2011
COMPANY CONFIDENTIAL
SFT&HW RST
Table 3-99 summarizes the PORT5_VLAN_CTRL0 Register 0
Table 3-99.
Port 5 VLAN Control Register 0
3.5.19
PORT5_VLAN_CTRL1
Address 0x044C
SFT&HW RST
Table 3-100 summarizes the PORT5_VLAN_CTRL1 Register 1
Table 3-100.
Port 5 VLAN Control Register 1
Bit
R/W
Inital
Value
Mnemonic
Description
31:29
R/W
0
ING_PORT_CPRI_5
Port default cvlan priority for received
frames.
28
R/O
0
RESERVED
27:16
R/W
0X1
PORT_DEFAULT_CVID_5
Port Default VID. This field is used as
Tagged VID added to untagged frames
when transmitted from this port.
15:13
R/W
0
ING_PORT_SPRI_5
Port default svlan priority for received
frames.
12
R/O
0
RESERVED
11:0
R/W
0X1
PORT_DEFAULT_SVID_5
Port Default VID. This field is used as
Tagged VID added to untagged frames
when transmitted from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
31:15
R/O
0
RESERVED
14
R/W
0
EG_VLAN_TYPE_5
1'b0: all frames can be sent out.
1'b1: only tagged frames can be sent
out.
13:12
R/W
0
EG_VLAN_MODE_5
Egress VLAN mode.
2'b00: egress should transmit frames
unmodified.
2'b01: egress should transmit frames
without VLAN
2'b10: egress should transmit frames
with VLAN
2'b11:untouched
11
R/O
0
RESERVED
10
R/W
0
SPCHECK_EN_5
1'b1:L3 Source port check enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com