Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 124 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 124 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 120Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 121Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 122Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 123Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 124Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 125Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 126Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 127Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 128Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 394 page
background image
124 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
124 • June 2011
COMPANY CONFIDENTIAL
3.6 LOOKUP REGISTER (Address Range: 0x0600 ~ 0x0708)
Table 3-106 summarizes the registers.
Table 3-106.
Parser Register Summary
Name
Address
Reset
ATU FUNCTION REGISTER
0x0600~0x060C
HARD & SOFT
VTU FUNCTION REGISTER
0x0610~0x0614
HARD & SOFT
ARL CONTROL REGISTER
0x0618
HARD & SOFT
GLOBAL FORWARD CONTROL REGISTER
0x0620~0x0624
HARD & SOFT
GLOBAL LEARN LIMIT CONTROL
0x0028
HARD & SOFT
TOS TO PRI MAP REGISTER
0x0630~0x064C
HARD & SOFT
VLAN PRI TO PRI MAP REGISTER
0x0650
HARD & SOFT
LOOP CHECK RESULT
0x0654
HARD & SOFT
PORT0 LOOKUP CONTROL REGISTER
0x0660
HARD & SOFT
PORT0 PRIORITY CONTROL REGISTER
0x0664
HARD & SOFT
PORT0 LEARN LIMIT CONTRL REGISTER
0x0668
HARD & SOFT
PORT1 LOOKUP CONTROL REGISTER
0x066C
HARD & SOFT
PORT1 PRIORITY CONTROL REGISTER
0x0670
HARD & SOFT
PORT1 LEARN LIMIT CONTRL REGISTER
0x0674
HARD & SOFT
PORT2 LOOKUP CONTROL REGISTER
0x0678
HARD & SOFT
PORT2 PRIORITY CONTROL REGISTER
0x067C
HARD & SOFT
PORT2 LEARN LIMIT CONTRL REGISTER
0x0680
HARD & SOFT
PORT3 LOOKUP CONTROL REGISTER
0x0684
HARD & SOFT
PORT3 PRIORITY CONTROL REGISTER
0x0688
HARD & SOFT
PORT3 LEARN LIMIT CONTRL REGISTER
0x068C
HARD & SOFT
PORT4 LOOKUP CONTROL REGISTER
0x0690
HARD & SOFT
PORT4 PRIORITY CONTROL REGISTER
0x0694
HARD & SOFT
PORT4 LEARN LIMIT CONTRL REGISTER
0x0698
HARD & SOFT
PORT5 LOOKUP CONTROL REGISTER
0x069C
HARD & SOFT
PORT5 PRIORITY CONTROL REGISTER
0x06A0
HARD & SOFT
PORT5 LEARN LIMIT CONTRL REGISTER
0x06A4
HARD & SOFT
PORT6 LOOKUP CONTROL REGISTER
0x06A8
HARD & SOFT
PORT6 PRIORITY CONTROL REGISTER
0x06AC
HARD & SOFT
PORT6 LEARN LIMIT CONTRL REGISTER
0x06B0
HARD & SOFT
Trunk Control Registers
TRUNK CONTROL0 REGISTER
0x0700
HARD & SOFT
TRUNK CONTROL1 REGISTER
0x0704
HARD & SOFT
TRUNK CONTROL2 REGISTER
0x0708
HARD & SOFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com