Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 126 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 126 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 122Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 123Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 124Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 125Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 126Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 127Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 128Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 129Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 130Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 394 page
background image
126 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
126 • June 2011
COMPANY CONFIDENTIAL
3.6.3
ATU_DATA2
Address 0x0608
SFT&HW RST
Table 3-109 summerizes the ATU_DATA2 Register
Table 3-109.
ATU_DATA2 Register
3.6.4
ATU_FUNC_REG
Address 0x060C
SFT&HW RST
Table 3-110 summerizes the ATU_FUNC_REG Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:20
R/W
0
RESERVED
19:8
R/W
0
ATU_VID
This MAC address is the member of
ATU_VID group.
7
R/W
0
ATU_SHORT_LOOP
If learn engine find source port mismatch
then set to 1, loopcheck engine clear it
6
R/W
0
ATU_COPY_TO_CPU
1'b1: packet received with this address
should be copied to cpu port.
5
R/W
0
ATU_REDIRECT_TO_CPU
1'b1: packet received with this address
should be redirected to cpu port. If no cpu
connected to switch, this frame should be
discarded.
4
R/W
0
ATU_LEAKY_EN
1'b1: use leaky VLAN enable for this mac
address
This bit can be used for unicast and
multicast frame, control by
ARL_uni_leaky_en and
ARL_multi_leaky_en
3:0
R/W
0
ATU_STATUS
4'h0:indicates entry is empty
4'h1~7:indicates entry is dynamic and valid.
4'h8~4'hE: entry is dynamic and valid, can
be age but can't be changed by any other
address.
4'hF:indicates entry is static and won't be age
or change by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com