Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 144 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 144 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 140Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 141Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 142Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 143Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 144Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 145Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 146Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 147Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 148Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 394 page
background image
144 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
144 • June 2011
COMPANY CONFIDENTIAL
3.6.24
PORT1_LOOKUP_CTRL
Address 0x066C
SFT&HW RST
Table 3-130 summarizes the PORT1_LOOKUP_CTRL Register
Table 3-130.
Port 1 Lookup Control Register
10
R/W
0
SA_LEARN_LIMIT_DROP_EN_0
1'b1: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be dropped when
Learned MAC address counter is equal
to SA_LEARN_CNT_0
1'b0: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be redirect to cpu
when Learned MAC address counter
is equal to SA_LEARN_CNT_0
9:0
R/W
0
SA_LEARN_CNT_0
The MAC address can be learned and
written to the ARL table — only
dynamic entry is counted
0: indicates no MAC limit number is 1
1: indicates the MAC limit number is 2
2: indicates the MAC limit number is 3
... and so on ... until:
1023: indicates the MAC limit is 1024
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W
0
MULTICAST_DROP_EN_1
1'b1: Drop the multicast Packet from
this port. Don't drop IGMP/MLD join/
leave and Special DIP packet.
30:29
R/O
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com