Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 148 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 148 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 144Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 145Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 146Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 147Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 148Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 149Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 150Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 151Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 152Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 394 page
background image
148 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
148 • June 2011
COMPANY CONFIDENTIAL
3.6.26
PORT1_LEARN_LIMIT
Address 0x0674
SFT&HW RST
Table 3-132, “Port 1 Learn Limit Register,” on page 148 summarizes the PORT1_LEARN_LIMIT
Register
Table 3-132.
Port 1 Learn Limit Register
7:6
R/W
0
DA_PRI_SEL_1
DA priority selected level for QOS.
There are five levels priority for QOS.
The highest is priority in packet
header.
The others are selected by these bits. If
these bits are set to zero, DA priority is
selected after header. If these bits are
set to n, DA priority is selected after the
priority set to n-1.
5:4
R/W
1
VLAN_PRI_SEL_1
3:2
R/W
2
IP_PRI_SEL_1
DA priority selected level for QOS.
1:0
R/O
0
RESERVED
IP priority selected level for QOS.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:28
R/O
0
RESERVED
27
R/W
0
IGMP_LEARN_LIMIT_EN_1
1'b1: IGMP Learn Limit enable.
26
R/W
0
IGMP_LEARN_LIMIT_DROP_EN
_1
1'b1: if IGMP GROUP ADDR is not in
ARL table or IGMP GROUP ADDR in
ARL but port member is not the source
port, packet should be dropped when
Learned MAC address counter is equal
to IGMP_JOIN_CNT_1
1'b0: if IGMP GROUP ADDR is not in
ARL table or IGMP GROUP ADDR in
ARL but port member is not the source
port, packet should be redirect to cpu
when Learned MAC address counter
is equal to IGMP_JOIN_CNT_1
25:16
R/W
0
IGMP_JOIN_CNT_1
HARDWARE JOIN IGMP. WHEN
JOIN NEW ENTRY OR NEW PORT TO
IGMP +1, LEAVE OR AGE -1
15:12
R/W
7
SA_LEARN_STATUS_1
IF LESS THAN 0X7, DYNAMIC CAN
BE FRESH TO SETTING VALUE AND
AGE
11
R/W
0
SA_LEARN_LIMIT_EN_1
1'b1: SA Learn Limit enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com