Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 152 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 152 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 148Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 149Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 150Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 151Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 152Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 153Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 154Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 155Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 156Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 394 page
background image
152 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
152 • June 2011
COMPANY CONFIDENTIAL
Table 3-134.
Port 2 Priority Control Register
3.6.29
PORT2_LEARN_LIMIT
Address 0x0680
SFT&HW RST
Table 3-135 summarizes the PORT2_LEARN_LIMIT Register
Table 3-135.
Port 2 Learn Limit Control Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:21
R/O
0
RESERVED
20
R/W
0
EG_MAC_BASE_VLAN_EN_2
19
R/O
0
RESERVED
18
R/W
0
DA_PRI_EN_2
1'b1: DA priority can be used for QOS.
17
R/W
0
VLAN_PRI_EN_2
1'b1: VLAN priority can be used for
QOS.
16
R/W
0
IP_PRI_EN_2
1'b1: TOS/TC can be used for QOS.
15:8
R/O
0
RESERVED
7:6
R/W
0
DA_PRI_SEL_2
DA priority selected level for QOS.
There are five levels priority for QOS.
The highest is priority in packet
header.
The others are selected by these bits. If
these bits are set to zero, DA priority is
selected after header. If these bits are
set to n, DA priority is selected after the
priority set to n-1.
5:4
R/W
1
VLAN_PRI_SEL_2
DA priority selected level for QOS.
3:2
R/W
2
IP_PRI_SEL_2
IP priority selected level for QOS.
1:0
R/O
0
RESERVED
Bit
R/W
Inital
Value
Mnemonic
Description
31:28
R/O
0
RESERVED
27
R/W
0
IGMP_LEARN_LIMIT_EN_2
1'b1: IGMP Learn Limit enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com