Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 155 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 155 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 151Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 152Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 153Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 154Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 155Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 156Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 157Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 158Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 159Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
155
21
R/W
1'b0
PORT_LOOPBACK_EN_3
1'b1: LOOP BACK. Packet sent in from
this port will be sent out from the same
port. This packet will not sent to other
ports
1'b0: NORMAL FORWARDING
20
R/W
1'b1
LEARN_EN_3
Enable learn operation.
1'b1: enable hardware learn new MAC
address into ARL table.
1'b0: won't learn new MAC address to
ARL table
19
R/O
0
RESERVED
18:16
R/W
3'h4
PORT_STATE_3
Port State. These bits are used to
manage the port to determine what
kind of frames are allowed to enter or
leave the port for simple bridge loop
detection or 803.1D Spanning Tree.
3'b000: Disable mode. The port is
completely disable, and can't receive or
transmit any frames.
3'b001: Blocking Mode. In this state, the
port forwards received management
frames to the designed port only. Any
other frames can't be transmitted or
received by the port, and without
learning any SA address.
3'b010: Listening Mode. In this state,
the port will receive and transmit only
management frames, but without
learning any SA address. Any other
frames can't be transmitted or received
by the port.
3'b011: Learning Mode. In this state,
the port will learning all SA, and
discard all frames except management
frames, and only management frames
allowed to be transmitted out.
3'b100: Forward Mode. In this state, the
port will learning all SA, transmit and
receive all frames like normal.
15
R/O
0
RESERVED
14:12
R/O
0
RESERVED
11
R/O
0
RESERVED
10
R/W
0
FORCE_PORT_VLAN_EN_3
1'b1: force to use port base vlan enable.
If this bit is set to 1'b1, use port base
vlan & vlan table result to determine
destination port.
Bit
R/W
Inital
Value
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com