Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 153 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 153 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 149Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 150Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 151Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 152Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 153Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 154Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 155Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 156Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 157Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
153
3.6.30
PORT3_LOOKUP_CTRL
Address 0x0684
SFT&HW RST
Table 3-136 summarizes the PORT3_LOOKUP_CTRL Register
26
R/W
0
IGMP_LEARN_LIMIT_DROP_EN
_2
1'b1: if IGMP GROUP ADDR is not in
ARL table or IGMP GROUP ADDR in
ARL but port member is not the source
port, packet should be dropped when
Learned MAC address counter is equal
to IGMP_JOIN_CNT_2
1'b0: if IGMP GROUP ADDR is not in
ARL table or IGMP GROUP ADDR in
ARL but port member is not the source
port, packet should be redirect to cpu
when Learned MAC address counter
is equal to IGMP_JOIN_CNT_2
25:16
R/W
0
IGMP_JOIN_CNT_2
HARDWARE JOIN IGMP. WHEN
JOIN NEW ENTRY OR NEW PORT TO
IGMP +1, LEAVE OR AGE -1
15:12
R/W
7
SA_LEARN_STATUS_2
IF LESS THAN 0X7, DYNAMIC CAN
BE FRESH TO SETTING VALUE AND
AGE
11
R/W
0
SA_LEARN_LIMIT_EN_2
1'b1: SA Learn Limit enable.
10
R/W
0
SA_LEARN_LIMIT_DROP_EN_2
1'b1: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be dropped when
Learned MAC address counter is equal
to SA_LEARN_CNT_2
1'b0: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be redirect to cpu
when Learned MAC address counter
is equal to SA_LEARN_CNT_2
9:0
R/W
0
SA_LEARN_CNT_2
The MAC address can be learned and
written to the ARL table — only
dynamic entry is counted
0: indicates no MAC limit number is 1
1: indicates the MAC limit number is 2
2: indicates the MAC limit number is 3
... and so on ... until:
1023: indicates the MAC limit is 1024
Bit
R/W
Inital
Value
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com