Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 156 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 156 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 152Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 153Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 154Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 155Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 156Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 157Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 158Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 159Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 160Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 394 page
background image
156 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
156 • June 2011
COMPANY CONFIDENTIAL
3.6.31
PORT3_PRI_CTRL
Address 0x0688
SFT&HW RST
Table 3-137 summarizes the PORT3_PRI_CTRL Register
Table 3-137.
Port 3 Priority Control Register
9:8
R/W
2'b00
VLAN_MODE_3
802.1Q mode for this port.
2'b00: 802.1Q disable. Use port base
VLAN only.
2'b01: fallback. Enable 802.1Q for all
received frames. Don't discard ingress
membership violation and use the port
base VLAN if the frame's VID isn't
contained in VLAN Table.
2'b10: check. Enable 802.1Q for all
received frames. Don't discard ingress
membership violation but discard
frames which VID isn't contained in
VLAN Table.
2'b11: secure. Enable 802.1Q for all
received frames. Discard frames with
ingress membership violation or whose
VID isn't contained in the VLAN Table.
7R/W
0'
RESERVED
6:0
R/W
h7B
PORT_VID_MEM_3
Port Base VLAN Member. Each bit
restrict which port can send frames to.
To send frames to port0, bit 16 must be
set to 1'b1, etc. These bits are set to one
after reset except the port's bit. This
prevents frames going out the port
they received in.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:21
R/O
0
RESERVED
20
R/W
0
EG_MAC_BASE_VLAN_EN_3
19
R/O
0
RESERVED
18
R/W
0
DA_PRI_EN_3
1'b1: DA priority can be used for QOS.
17
R/W
0
VLAN_PRI_EN_3
1'b1: VLAN priority can be used for
QOS.
16
R/W
0
IP_PRI_EN_3
1'b1: TOS/TC can be used for QOS.
15:8
R/O
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com