Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 158 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 158 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 154Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 155Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 156Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 157Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 158Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 159Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 160Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 161Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 162Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 394 page
background image
158 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
158 • June 2011
COMPANY CONFIDENTIAL
3.6.33
PORT4_LOOKUP_CTRL
Address 0x0690
SFT&HW RST
Table 3-139 summarizes the PORT4_LOOKUP_CTRL Register
Table 3-139.
Port 4 Lookup Control Register
10
R/W
0
SA_LEARN_LIMIT_DROP_EN_3
1'b1: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be dropped when
Learned MAC address counter is equal
to SA_LEARN_CNT_3
1'b0: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be redirect to cpu
when Learned MAC address counter
is equal to SA_LEARN_CNT_3
9:0
R/W
0
SA_LEARN_CNT_3
The MAC address can be learned and
written to the ARL table — only
dynamic entry is counted
0: indicates no MAC limit number is 1
1: indicates the MAC limit number is 2
2: indicates the MAC limit number is 3
... and so on ... until:
1023: indicates the MAC limit is 1024
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W
0
MULTICAST_DROP
_EN_4
1'b1: Drop the multicast Packet from this port. Don't
drop IGMP/MLD join/leave and Special DIP
packet.
30:29
R/O
0
RESERVED
28
R/W
0
UNI_LEAKY_EN_4
unicast frame leaky VLAN enable.
Also use ARL_UNI_LEAKY_EN and LEAKY_EN
bit in ARL table to control unicast leaky VLAN.
When ARL_UNI_LEAKY_EN is set to zero, only
UNI_LEAKE_EN control unicast frame leaky
VLAN.
If ARL_UNI_LEAKY_EN is set to 1'b1, only frame
with DA in ARL table and LEAKY_EN bit is set to
1'b1 can be forward as leaky VLAN, ignore
UNI_LEAKY_EN.
if mac receive unicast frame from this port which
should forward as leaky VLAN, the frame could be
switched to destination port defined in ARL table
and cross all VLAN ( include port base and 802.1q ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com