Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 162 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 162 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 158Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 159Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 160Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 161Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 162Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 163Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 164Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 165Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 166Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 394 page
background image
162 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
162 • June 2011
COMPANY CONFIDENTIAL
Table 3-141.
Port 4 Learn Limit Control Register
3.6.36
PORT5_LOOKUP_CTRL
Address 0x069C
SFT&HW RST
Table 3-142 summarizes the PORT5_LOOKUP_CTRL Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:28
R/O
0
RESERVED
27
R/W
0
IGMP_LEARN_LIMIT_EN_4
1'b1: IGMP Learn Limit enable.
26
R/W
0
IGMP_LEARN_LIMIT_DROP_EN
_4
1'b1: if IGMP GROUP ADDR is not in
ARL table or IGMP GROUP ADDR in
ARL but port member is not the source
port, packet should be dropped when
Learned MAC address counter is equal
to IGMP_JOIN_CNT_4
1'b0: if IGMP GROUP ADDR is not in
ARL table or IGMP GROUP ADDR in
ARL but port member is not the source
port, packet should be redirect to cpu
when Learned MAC address counter
is equal to IGMP_JOIN_CNT_4
25:16
R/W
0
IGMP_JOIN_CNT_4
Hardware join IGMP. When joiing new
entry or new port to IGMP +1, leave or
AGE -1.
15:12
R/W
7
SA_LEARN_STATUS_4
If less than 0x7, dynamic can be
refreshed to setting value and age
11
R/W
0
SA_LEARN_LIMIT_EN_4
1'b1: SA Learn Limit enable.
10
R/W
0
SA_LEARN_LIMIT_DROP_EN_4
1'b1: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be dropped when
Learned MAC address counter is equal
to SA_LEARN_CNT_4
1'b0: if SA is not in ARL table or SA in
ARL but port member is not the source
port, packet should be redirect to cpu
when Learned MAC address counter
is equal to SA_LEARN_CNT_4
9:0
R/W
0
SA_LEARN_CNT_4
The MAC address can be learned and
written to the ARL table — only
dynamic entry is counted
0: indicates no MAC limit number is 1
1: indicates the MAC limit number is 2
2: indicates the MAC limit number is 3
... and so on ... until:
1023: indicates the MAC limit is 1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com