Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 164 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 164 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 160Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 161Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 162Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 163Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 164Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 165Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 166Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 167Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 168Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 394 page
background image
164 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
164 • June 2011
COMPANY CONFIDENTIAL
21
R/W
1'b0
PORT_LOOPBACK_E
N_5
1'b1: LOOP BACK. Packet sent in from this port
will be sent out from the same port. This packet
will not sent to other ports
1'b0: NORMAL FORWARDING
20
R/W
1'b1
LEARN_EN_5
Enable learn operation.
1'b1: enable hardware learn new MAC address into
ARL table.
1'b0: won't learn new MAC address to ARL table
19
R/O
0
RESERVED
18:16
R/O
3'h4
PORT_STATE_5
Port State. These bits are used to manage the port
to determine what kind of frames are allowed to
enter or leave the port for simple bridge loop
detection or 803.1D Spanning Tree.
3'b000: Disable mode. The port is completely
disable, and can't receive or transmit any frames.
3'b001: Blocking Mode. In this state, the port
forwards received management frames to the
designed port only. Any other frames can't be
transmitted or received by the port, and without
learning any SA address.
3'b010: Listening Mode. In this state, the port will
receive and transmit only management frames, but
without learning any SA address. Any other
frames can't be transmitted or received by the port.
3'b011: Learning Mode. In this state, the port will
learning all SA, and discard all frames except
management frames, and only management
frames allowed to be transmitted out.
3'b100: Forward Mode. In this state, the port will
learning all SA, transmit and receive all frames like
normal.
15
R/O
0
RESERVED
14:12
R/O
0
RESERVED
11
R/W
0
RESERVED
10
R/W
0
FORCE_PORT_VLAN
_EN_5
1'b1: force to use port base vlan enable. If this bit is
set to 1'b1, use port base vlan & vlan table result to
determine destination port.
9:8
R/W
2'0
VLAN_MODE_5
802.1Q mode for this port.
2'b00: 802.1Q disable. Use port base VLAN only.
2'b01: fallback. Enable 802.1Q for all received
frames. Don't discard ingress membership
violation and use the port base VLAN if the
frame's VID isn't contained in VLAN Table.
2'b10: check. Enable 802.1Q for all received frames.
Don't discard ingress membership violation but
discard frames which VID isn't contained in VLAN
Table.
2'b11: secure. Enable 802.1Q for all received frames.
Discard frames with ingress membership violation
or whose VID isn't contained in the VLAN Table.
Bit
R/W
Inital
Value
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com