Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 168 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 168 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 164Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 165Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 166Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 167Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 168Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 169Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 170Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 171Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 172Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 394 page
background image
168 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
168 • June 2011
COMPANY CONFIDENTIAL
28
R/W
0
UNI_LEAKY_EN_6
unicast frame leaky VLAN enable.
Also use ARL_UNI_LEAKY_EN and
LEAKY_EN bit in ARL table to control
unicast leaky VLAN.
When ARL_UNI_LEAKY_EN is set to
zero, only UNI_LEAKE_EN control
unicast frame leaky VLAN.
If ARL_UNI_LEAKY_EN is set to 1'b1,
only frame with DA in ARL table and
LEAKY_EN bit is set to 1'b1 can be
forward as leaky VLAN, ignore
UNI_LEAKY_EN.
if mac receive unicast frame from this
port which should forward as leaky
VLAN, the frame could be switched to
destination port defined in ARL table
and cross all VLAN ( include port base
and 802.1q ).
27
R/W
0
MULTI_LEAKY_EN_6
Multicast frame leaky VLAN enable.
Also use ARL_MULTI_LEAKY_EN
and LEAKY_EN bit in ARL table to
control unicast leaky VLAN.
When ARL_MULTI_LEAKY_EN is set
to zero, only MULTI_LEAKY_EN
control multicast frame leaky VLAN.
If ARL_MULTI_LEAKY_EN is set to
1'b1, only frame with DA in ARL table
and LEAKY_EN bit is set to 1'b1 can be
forward as leaky VLAN, ignore
MULTI_LEAKY_EN.
if mac receive multicast frame from this
port which should forward as leaky
VLAN, the frame could be switched to
destination port defined in ARL table
and cross all VLAN ( include port base
VLAN and 802.1q ).
26
R/W
0
ARP_LEAKY_EN_6
1'b1: if mac receive ARP frame from
this port, it can cross all VLAN (
include port base VLAN and 802.1q ).
1'b0: ARP frame can't cross vlan
25
R/W
0
ING_MIRROR_EN_6
Ingress port mirror. If this bit is set to
1'b1, all packets received from this port
should be copied to mirror port.
24
R/O
0
RESERVED
23
R/O
0
RESERVED
22
R/O
0
RESERVED
21
R/W
1'b0
PORT_LOOPBACK_EN_6
1'b1: LOOP BACK. Packet sent in from
this port will be sent out from the same
port. This packet will not sent to other
ports
1'b0: NORMAL FORWARDING
Bit
R/W
Inital
Value
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com