Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 170 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 170 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 166Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 167Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 168Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 169Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 170Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 171Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 172Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 173Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 174Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 394 page
background image
170 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
170 • June 2011
COMPANY CONFIDENTIAL
3.6.40
PORT6_PRI_CTRL
Address 0x06AC
SFT&HW RST
Table 3-146 summarizes the PORT6_PRI_CTRL Register
Table 3-146.
Port 6 Priority Control Register
9:8
R/W
2'0
VLAN_MODE_6
802.1Q mode for this port.
2'b00: 802.1Q disable. Use port base
VLAN only.
2'b01: fallback. Enable 802.1Q for all
received frames. Don't discard ingress
membership violation and use the port
base VLAN if the frame's VID isn't
contained in VLAN Table.
2'b10: check. Enable 802.1Q for all
received frames. Don't discard ingress
membership violation but discard
frames which VID isn't contained in
VLAN Table.
2'b11: secure. Enable 802.1Q for all
received frames. Discard frames with
ingress membership violation or whose
VID isn't contained in the VLAN Table.
7
R/O
'h6F
RESERVED
6:0
R/W
b00
PORT_VID_MEM_6
Port Base VLAN Member. Each bit
restrict which port can send frames to.
To send frames to port0, bit 16 must be
set to 1'b1, etc. These bits are set to one
after reset except the port's bit. This
prevents frames going out the port
they received in.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:21
R/O
0
RESERVED
20
R/W
0
EG_MAC_BASE_VLAN_EN_6
1'b1: DA priority can be used for QOS.
1'b1: VLAN priority can be used for
QOS.
1'b1: TOS/TC can be used for QOS.
19
R/O
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com