Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 165 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 165 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 161Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 162Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 163Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 164Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 165Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 166Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 167Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 168Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 169Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
165
3.6.37
PORT5_PRI_CTRL
Address 0x06A0
SFT&HW RST
Table 3-143 summarizes the PORT5_PRI_CTRL Register
Table 3-143.
Port 5 Priority Control Register
7
R/O
'h6F
RESERVED
6:0
R/W
b00
PORT_VID_MEM_5
Port Base VLAN Member. Each bit restrict which
port can send frames to. To send frames to port0,
bit 16 must be set to 1'b1, etc. These bits are set to
one after reset except the port's bit. This prevents
frames going out the port they received in.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:21
R/O
0
RESERVED
20
R/W
0
EG_MAC_BASE_VLAN_EN_5
1'b1: DA priority can be used for QOS.
1'b1: VLAN priority can be used for
QOS.
1'b1: TOS/TC can be used for QOS.
19
R/O
0
RESERVED
18
R/W
0
DA_PRI_EN_5
DA priority selected level for QOS.
There are five levels priority for QOS.
The highest is priority in packet
header.
The others are selected by these bits. If
these bits are set to zero, DA priority is
selected after header. If these bits are
set to n, DA priority is selected after the
priority set to n-1.
17
R/W
0
VLAN_PRI_EN_5
DA priority selected level for QOS.
16
R/W
0
IP_PRI_EN_5
IP priority selected level for QOS.
15:8
R/O
0
RESERVED
7:6
R/W
0
DA_PRI_SEL_5
DA priority selected level for QOS.
There are five levels priority for QOS.
The highest is priority in packet
header.
The others are selected by these bits. If
these bits are set to zero, DA priority is
selected after header. If these bits are
set to n, DA priority is selected after the
priority set to n-1.
5:4
R/W
1
VLAN_PRI_SEL_5
DA priority selected level for QOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com