Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 191 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 191 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 187Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 188Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 189Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 190Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 191Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 192Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 193Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 194Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 195Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
191
Table 3-163.
Port 0 Rate Limit Control Register 0
3.7.13
PORT0_EG_RATE_CTRL1
Address 0x0894
SFT&HW RST
Table 3-164, “Port 0 Rate Limit Control Register 1,” on page 191 summarizes the
PORT0_EG_RATE_CTRL1 Register 1
Table 3-164.
Port 0 Rate Limit Control Register 1
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:16
R/W
0x7FFF
EG_PRI1_CIR_0
Egress Rate Limit for priority 1.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 1. if these bits
are set to 15'h0, no priority 1 frame
should be send out from por 0.
15
R/O
0
RESERVED
14:0
R/W
0x7FFF
EG_PRI0_CIR_0
Egress Rate Limit for priority 0.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 0. if these bits
are set to 15'h0, no priority 0 frame
should be send out from port 0.
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:16
R/W
0x7FFF
EG_PRI3_CIR_0
Egress Rate Limit for priority 3.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 3. if these bits
are set to 15'h0, no priority 3 frame
should be send out from port 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com