Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 192 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 192 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 188Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 189Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 190Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 191Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 192Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 193Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 194Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 195Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 196Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 394 page
background image
192 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
192 • June 2011
COMPANY CONFIDENTIAL
3.7.14
PORT0_EG_RATE_CTRL2
Address 0x0898
SFT&HW RST
Table 3-165, “Port 0 Rate Limit Control Register 2,” on page 192 summarizes the
PORT0_EG_RATE_CTRL2 Register 2
Table 3-165.
Port 0 Rate Limit Control Register 2
3.7.15
PORT0_EG_RATE_CTRL3
Address 0x089C
SFT&HW RST
15
R/O
0
RESERVED
14:0
R/W
0x7FFF
EG_PRI2_CIR_0
Egress Rate Limit for priority 2.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 2. if these bits
are set to 15'h0, no priority 2 frame
should be send out from port 0.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:16
R/W
0x7FFF
EG_PRI5_CIR_0
Egress Rate Limit for priority 5.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 5. if these bits
are set to 15'h0, no priority 5 frame
should be send out from port 0.
15
R/O
0
RESERVED
14:0
R/W
0x7FFF
EG_PRI4_CIR_0
Egress Rate Limit for priority 4.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 4. if these bits
are set to 15'h0, no priority 4 frame
should be send out from port 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com