Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 226 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 226 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 222Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 223Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 224Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 225Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 226Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 227Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 228Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 229Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 230Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 394 page
background image
226 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
226 • June 2011
COMPANY CONFIDENTIAL
Table 3-200, “Port 5 Rate Limit Control Register 5,” on page 226 summarizes the
PORT5_EG_RATE_CTRL5 Register 5
Table 3-200.
Port 5 Rate Limit Control Register 5
3.7.50
PORT5_EG_RATE_CTRL6
Address 0x0948
SFT&HW RST
Table 3-201, “Port 5 Rate Limit Control Register 6,” on page 226 summarizes the
PORT5_EG_RATE_CTRL6 Register 6
Table 3-201.
Port 5 Rate Limit Control Register 6
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:16
R/W
0x7FFF
EG_PRI5_EIR _5
Egress Rate Limit for priority 5.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 5. if these bits
are set to 15'h0, no priority 5 frame
should be send out from this port.
15
R/O
0
RESERVED
14:0
R/W
0x7FFF
EG_PRI4_EIR_5
Egress Rate Limit for priority 4
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 4. if these bits
are set to 15'h0, no priority 4 frame
should be send out from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:28
R/W
0
EG_PRI3_CBS_5
Committed burst size for priority 3
27
R/O
0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com