Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 230 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 230 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 226Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 227Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 228Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 229Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 230Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 231Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 232Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 233Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 234Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 394 page
background image
230 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
230 • June 2011
COMPANY CONFIDENTIAL
3.7.53
PORT6_EG_RATE_CTRL1
Address 0x0954
SFT&HW RST
Table 3-204, “Port 6 Rate Limit Control Register 1,” on page 230 summarizes the
PORT6_EG_RATE_CTRL1 Register 1
Table 3-204.
Port 6 Rate Limit Control Register 1
3.7.54
PORT6_EG_RATE_CTRL2
Address 0x0958
SFT&HW RST
Table 3-205, “Port 6 Rate Limit Control Register 2,” on page 231 summarizes the
PORT6_EG_RATE_CTRL2 Register 2
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:16
R/W
0x7FFF
EG_PRI3_CIR_6
Egress Rate Limit for priority 3.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 3. if these bits
are set to 15'h0, no priority 3 frame
should be send out from this port.
15
R/O
0
RESERVED
14:0
R/W
0x7FFF
EG_PRI2_CIR_6
Egress Rate Limit for priority 2.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 2. if these bits
are set to 15'h0, no priority 2 frame
should be send out from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com