Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 233 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 233 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 229Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 230Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 231Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 232Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 233Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 234Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 235Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 236Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 237Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
233
Table 3-208, “Port 6 Rate Limit Control Register 5,” on page 233 summarizes the
PORT6_EG_RATE_CTRL5 Register 5
Table 3-208.
Port 6 Rate Limit Control Register 5
3.7.58
PORT6_EG_RATE_CTRL6
Address 0x0968
SFT&HW RST
Table 3-209, “Port 6 Rate Limit Control Register 6,” on page 233 summerizes the
PORT6_EG_RATE_CTRL6 Register 6
Table 3-209.
Port 6 Rate Limit Control Register 6
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:16
R/W
0x7FFF
EG_PRI5_EIR _6
Egress Rate Limit for priority 5.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 5. if these bits
are set to 15'h0, no priority 5 frame
should be send out from this port.
15
R/O
0
RESERVED
14:0
R/W
0x7FFF
EG_PRI4_EIR_6
Egress Rate Limit for priority 4.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 4. if these bits
are set to 15'h0, no priority 4 frame
should be send out from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/O
0
RESERVED
30:28
R/W
0
EG_PRI3_CBS_6
Committed burst size for priority 3
27
R/O
0
RESERVED
26:24
R/W
0
EG_PRI3_EBS_6
Excess burst size for priority 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com