Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 282 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 282 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 278Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 279Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 280Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 281Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 282Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 283Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 284Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 285Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 286Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 394 page
background image
282 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
282 • June 2011
COMPANY CONFIDENTIAL
3.7.118 ACL_RATE_CTRL1_17
Address 0x0A88
SFT&HW RST
Table 3-269, “ACL_17 Rate Limit Control Register 0,” on page 282 summerizes the
ACL_RATE_CTRL1_17 Register 0
Table 3-269.
ACL_17 Rate Limit Control Register 0
3.7.119 ACL_RATE_CTRL1_17
Address 0x0A8C
SFT&HW RST
Table 3-270, “ACL_17 Rate Limit Control Register 1,” on page 283 summerizes the
ACL_RATE_CTRL1_17 Register 1
17:15
R/W
0
ACL_EBS_16
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ACL_EIR_16
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:18
R/O
0
RESERVED
17:15
R/W
0
ACL_CBS_17
Commited burst size for ingress rate
limit
14:0
R/W
0x7FFF
ACL_CIR_17
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com