Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 284 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 284 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 280Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 281Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 282Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 283Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 284Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 285Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 286Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 287Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 288Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 394 page
background image
284 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
284 • June 2011
COMPANY CONFIDENTIAL
3.7.121 ACL_RATE_CTRL0_18
Address 0x0A94
SFT&HW RST
Table 3-272, “ACL_18 Rate Limit Control Register 1,” on page 284 summerizes the
ACL_RATE_CTRL0_18 Register 1
Table 3-272.
ACL_18 Rate Limit Control Register 1
3.7.122 ACL_RATE_CTRL0_19
Address 0x0A98
SFT&HW RST
Table 3-273, “ACL_19 Rate Limit Control Register 0,” on page 285 summerizes the
ACL_RATE_CTRL0_19 Register 0
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23
R/W
0
ACL_BORROW_EN_18
Borrow enable
22
R/W
0
ACL_RATE_UNIT_18
1: Packets/ 0: bytes
21
R/W
0
ACL_CF_18
Coupling flag for ingress rate limit
20
R/W
0
ACL_CM_18
Color mode for ingress rate limit
19:18
R/W
2'b01
ACL_RATE_TIME_SLOT_18
ACL Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot
17:15
R/W
0
ACL_EBS_18
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ACL_EIR_18
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com