Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 292 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 292 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 288Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 289Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 290Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 291Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 292Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 293Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 294Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 295Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 296Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 394 page
background image
292 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
292 • June 2011
COMPANY CONFIDENTIAL
3.7.134 ACL_RATE_CTRL0_25
Address 0x0AC8
SFT&HW RST
Table 3-285, “ACL_25 Rate Limit Control Register 0,” on page 292 summerizes the
ACL_RATE_CTRL0_25 Register 0
Table 3-285.
ACL_25 Rate Limit Control Register 0
3.7.135 ACL_RATE_CTRL1_25
Address 0x0ACC
SFT&HW RST
Table 3-286, “ACL_25 Rate Limit Control Register 1,” on page 292 summerizes the
ACL_RATE_CTRL1_25 Register 1
Table 3-286.
ACL_25 Rate Limit Control Register 1
17:15
R/W
0
ACL_EBS_24
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ACL_EIR_24
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:18
R/O
0
RESERVED
17:15
R/W
0
ACL_CBS_25
Commited burst size for ingress rate
limit
14:0
R/W
0x7FFF
ACL_CIR_25
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23
R/W
0
ACL_BORROW_EN_25
Borrow enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com