Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 293 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 293 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 289Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 290Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 291Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 292Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 293Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 294Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 295Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 296Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 297Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
293
3.7.136 ACL_RATE_CTRL0_26
Address 0x0AD0
SFT&HW RST
Table 3-287, “ACL_26 Rate Limit Control Register 0,” on page 293 summerizes the
ACL_RATE_CTRL0_26 Register 0
Table 3-287.
ACL_26 Rate Limit Control Register 0
3.7.137 ACL_RATE_CTRL1_26
Address 0x0AD4
SFT&HW RST
22
R/W
0
ACL_RATE_UNIT_25
1: Packets/ 0: bytes
21
R/W
0
ACL_CF_25
Coupling flag for ingress rate limit
20
R/W
0
ACL_CM_25
Color mode for ingress rate limit
19:18
R/O
2'b01
ACL_RATE_TIME_SLOT_25
ACL Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot
17:15
R/W
0
ACL_EBS_25
Excess burst size for ingress rate limit
14:0
R/O
0x7FFF
ACL_EIR_25
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:18
R/O
0
RESERVED
17:15
R/W
0
ACL_CBS_26
Commited burst size for ingress rate limit
14:0
R/W
0x7FFF
ACL_CIR_26
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate limit for
ingress. if these bits are set to 15'h0, no frame
should be received in from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com