Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 315 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 315 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 311Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 312Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 313Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 314Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 315Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 316Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 317Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 318Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 319Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
315
3.7.164 PORT5_ING_RATE_CTRL1
Address 0x0B54
SFT&HW RST
Table 3-315, “Port 5 Ingress Rate Limit Control Register 1,” on page 315 summerizes the
PORT5_ING_RATE_CTRL1 Register 1
Table 3-315.
Port 5 Ingress Rate Limit Control Register 1
3.7.165 PORT5_ING_RATE_CTRL2
Address 0x0B58
17:15
R/W
0
ING_CBS_5
Committed burst size for ingress rate limit
14:0
R/W
0x7FFF
ING_CIR_5
Committed Ingress Rate Limit for all
priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate limit
for egress priority 2. if these bits are set to
15'h0, no frame should be received in from
this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23
R/W
0
ING_BORROW_EN_5
Borrow enable
22
R/W
0
ING_RATE_UNIT_5
1: Packets/ 0: bytes
21
R/W
0
ING_CF_5
Coupling flagfor ingress rate limit
20
R/W
0
ING_CM_5
Color mode for ingress rate limit
19:18
R/W
2'b01
ING_RATE_E_TIME_SLOT_5
Excess Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot.
17:15
R/W
0
ING_EBS_5
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ING_EIR_5
Excess Ingress Rate Limit for all
priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com