Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 312 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 312 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 308Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 309Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 310Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 311Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 312Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 313Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 314Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 315Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 316Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 394 page
background image
312 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
312 • June 2011
COMPANY CONFIDENTIAL
Table 3-311.
Port 4 Ingress Rate Limit Control Register 0
3.7.161 PORT4_ING_RATE_CTRL0
Address 0x0B44
SFT&HW RST
Table 3-312, “Port 4 Ingress Rate Limit Control Register 1,” on page 312 summerizes the
PORT4_ING_RATE_CTRL0 Register 1
Table 3-312.
Port 4 Ingress Rate Limit Control Register 1
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
‘h18
ADD_RATE_BYTE_4
Byte number should be added to frame
when calculate rate limit.
Default is 24 bytes for IPG, preamble,
crc and SFD.
23:22
R/W
2’b01
ING_RATE_C_TIME_SLOT_4
Committed Ingress rate limit control
timer slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot.
21
R/W
0
RESERVED
20
R/W
0
ING_RATE_MODE_4
1: one two-rate three-color
0: two single rate
19:18
R/W
0
RESERVED
17:15
R/W
0
ING_CBS_4
Committed burst size for ingress rate
limit
14:0
R/W
0x7FFF
ING_CIR_4
Committed Ingress Rate Limit for all
priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 2. if these bits
are set to 15'h0, no frame should be
received in from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23
R/W
0
ING_BORROW_EN_4
Borrow enable
22
R/W
0
ING_RATE_UNIT_4
1: Packets/ 0: bytes
21
R/W
0
ING_CF_4
Coupling flagfor ingress rate limit
20
R/W
0
ING_CM_4
Color mode for ingress rate limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com