Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 309 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 309 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 305Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 306Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 307Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 308Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 309Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 310Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 311Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 312Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 313Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
309
SFT&HW RST
Table 3-308, “Port 3 Ingress Rate Limit Control Register 0,” on page 309 summerizes the
PORT3_ING_RATE_CTRL0 Register 0
Table 3-308.
Port 3 Ingress Rate Limit Control Register 0
3.7.158 PORT3_ING_RATE_CTRL0
Address 0x0B34
SFT&HW RST
Table 3-309, “Port 3 Ingress Rate Limit Control Register 1,” on page 310 summerizes the
PORT3_ING_RATE_CTRL0 Register 1
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/W
‘h18
ADD_RATE_BYTE_3
Byte number should be added to frame
when calculate rate limit.
Default is 24 bytes for IPG, preamble,
crc and SFD.
23:22
R/W
2’b01
ING_RATE_C_TIME_SLOT_3
Committed Ingress rate limit control
timer slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot.
21
R/O
0
RESERVED
20
R/W
0
ING_RATE_MODE_3
1: one two-rate three-color
0: two single rate
19:18
R/O
0
RESERVED
17:15
R/W
0
ING_CBS_3
Committed burst size for ingress rate
limit
14:0
R/W
0x7FFF
ING_CIR_3
Committed Ingress Rate Limit for all
priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 2. if these bits
are set to 15'h0, no frame should be
received in from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com