Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 306 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 306 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 302Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 303Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 304Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 305Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 306Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 307Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 308Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 309Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 310Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 394 page
background image
306 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
306 • June 2011
COMPANY CONFIDENTIAL
3.7.154 PORT2_ING_RATE_CTRL0
Address 0x0B20
SFT&HW RST
Table 3-305, “Port 2 Ingress Rate Limit Control Register 0,” on page 306 summerizes the
PORT2_ING_RATE_CTRL0 Register 0
Table 3-305.
Port 2 Ingress Rate Limit Control Register 0
8
R/W
‘0
ING_C_ING_MIRROR_RATE_EN
_1
Ingress committed rate limit enable to
count the ingress mirror frames
7
R/W
‘0
ING_E_MULTI_RATE_EN_1
Ingress excess rate limit enable to count
the multicast frames
6
R/W
‘0
ING_E_UNI_RATE_EN_1
Ingress excess rate limit enable to count
the unicast frames
5
R/W
‘0
ING_E_UNK_MULTI_RATE_EN_
1
Ingress excess rate limit enable to count
the unknown multicast frames
4
R/W
‘0
ING_E_UNK_UNI_RATE_EN_1
Ingress excess rate limit enable to count
the unknown unicast frames
3
R/W
‘0
ING_E_BROAD_RATE_EN_1
Ingress excess rate limit enable to count
the broadcast frames
2
R/W
‘0
ING_E_MANAGE_RATE_EN_1
Ingress excess rate limit enable to count
the management frames
1
R/W
‘0
ING_E_TCP_CTRL_RATE_EN_1
Ingress excess rate limit enable to count
the TCP control frames
0
R/W
‘0
ING_E_ING_MIRROR_RATE_EN
_1
Ingress excess rate limit enable to count
the ingress mirror frames
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/W
'h18
ADD_RATE_BYTE_2
Byte number should be added to frame
when calculate rate limit.
Default is 24 bytes for IPG, preamble,
crc and SFD.
23:22
R/W
2'b01
ING_RATE_C_TIME_SLOT_2
Committed Ingress rate limit control
timer slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot.
21
R/O
0
RESERVED
20
R/W
0
ING_RATE_MODE_2
1: one two-rate three-color
0: two single rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com