Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 307 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 307 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 303Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 304Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 305Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 306Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 307Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 308Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 309Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 310Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 311Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
307
3.7.155 PORT2_ING_RATE_CTRL0
Address 0x0B24
SFT&HW RST
Table 3-306, “Port 2 Ingress Rate Limit Control Register 1,” on page 307 summerizes the
PORT2_ING_RATE_CTRL0 Register 1
Table 3-306.
Port 2 Ingress Rate Limit Control Register 1
19:18
R/O
0
RESERVED
17:15
R/W
0
ING_CBS_2
Committed burst size for ingress rate
limit
14:0
R/W
0x7FFF
ING_CIR_2
Committed Ingress Rate Limit for all
priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for egress priority 2. if these bits
are set to 15'h0, no frame should be
received in from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23
R/W
0
ING_BORROW_EN_2
Borrow enable
22
R/W
0
ING_RATE_UNIT_2
1: Packets/ 0: bytes
21
R/W
0
ING_CF_2
Coupling flagfor ingress rate limit
20
R/W
0
ING_CM_2
Color mode for ingress rate limit
19:18
R/W
2'b01
ING_RATE_E_TIME_SLOT_2
Excess Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot.
17:15
R/W
0
ING_EBS_2
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ING_EIR_2
Excess Ingress Rate Limit for all
priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com