Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 305 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 305 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 301Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 302Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 303Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 304Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 305Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 306Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 307Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 308Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 309Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
305
3.7.153 PORT1_ING_RATE_CTRL2
Address 0x0B18
SFT&HW RST
Table 3-304, “Port 1 Ingress Rate Limit Control Register 2,” on page 305 summerizes the
PORT1_ING_RATE_CTRL2 Register 2
Table 3-304.
Port 1 Ingress Rate Limit Control Register 2
19:18
R/W
2'b01
ING_RATE_E_TIME_SLOT_1
Excess Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot.
17:15
R/W
0
ING_EBS_1
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ING_EIR_1
Excess Ingress Rate Limit for all
priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:16
R/O
0
RESERVED
15
R/W
‘0
ING_C_MULTI_RATE_EN_1
Ingress committed rate limit enable to
count the multicast frames
14
R/W
‘0
ING_C_UNI_RATE_EN_1
Ingress committed rate limit enable to
count the unicast frames
13
R/W
‘0
ING_C_UNK_MULTI_RATE_EN_
1
Ingress committed rate limit enable to
count the unknown multicast frames
12
R/W
‘0
ING_C_UNK_UNI_RATE_EN_1
Ingress committed rate limit enable to
count the unknown unticast frames
11
R/W
‘0
ING_C_BROAD_RATE_EN_1
Ingress committed rate limit enable to
count the broadcast frames
10
R/W
‘0
ING_C_MANAGE_RATE_EN_1
Ingress committed rate limit enable to
count the management frames
9
R/W
‘0
ING_C_TCP_CTRL_RATE_EN_1
Ingress committed rate limit enable to
count the TCP control frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com