Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 301 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 301 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 297Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 298Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 299Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 300Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 301Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 302Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 303Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 304Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 305Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
301
3.7.148 PORT0_ING_RATE_CTRL0
Address 0x0B00
SFT&HW RST
Table 3-299, “Port 0 Ingress Rate Limit Control Register 0,” on page 301 summerizes the
PORT0_ING_RATE_CTRL0 Register 0
Table 3-299.
Port 0 Ingress Rate Limit Control Register 0
17:15
R/W
0
ACL_EBS_31
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ACL_EIR_31
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/W
‘h18
ADD_RATE_BYTE_0
Byte number should be added to frame
when calculate rate limit.
Default is 24 bytes for IPG, preamble,
crc and SFD.
23:22
R/W
2’b01
ING_RATE_C_TIME_SLOT_0
Committed Ingress rate limit control
timer slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot.
21
R/O
0
RESERVED
20
R/W
0
ING_RATE_MODE_0
1: one two-rate three-color
0: two single rate
19:18
R/O
0
RESERVED
17:15
/W
0
ING_CBS_0
Committed burst size for ingress rate
limit
14:0
R/W
0x7FFF
ING_CIR_0
Committed Ingress Rate Limit for all
priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com