Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 298 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 298 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 294Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 295Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 296Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 297Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 298Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 299Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 300Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 301Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 302Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 394 page
background image
298 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
298 • June 2011
COMPANY CONFIDENTIAL
3.7.144 ACL_RATE_CTRL0_30
Address 0x0AF0
SFT&HW RST
Table 3-295, “ACL_30 Rate Limit Control Register 0,” on page 298 summerizes the
ACL_RATE_CTRL0_30 Register 0
Table 3-295.
ACL_30 Rate Limit Control Register 0
3.7.145 ACL_RATE_CTRL1_30
Address 0x0AF4
SFT&HW RST
22
R/W
0
ACL_RATE_UNIT_29
1: Packets/ 0: bytes
21
R/W
0
ACL_CF_29
Coupling flag for ingress rate limit
20
R/W
0
ACL_CM_29
Color mode for ingress rate limit
19:18
R/W
2'b01
ACL_RATE_TIME_SLOT_29
ACL Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot
17:15
R/W
0
ACL_EBS_29
Excess burst size for ingress rate limit
14:0
R/W
0x7FFF
ACL_EIR_29
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:18
R/O
0
RESERVED
17:15
R/W
0
ACL_CBS_30
Commited burst size for ingress rate
limit
14:0
R/W
0x7FFF
ACL_CIR_30
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com