Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 300 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 300 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 296Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 297Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 298Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 299Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 300Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 301Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 302Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 303Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 304Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 394 page
background image
300 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
300 • June 2011
COMPANY CONFIDENTIAL
3.7.147 ACL_RATE_CTRL1_31
Address 0x0AFC
SFT&HW RST
Table 3-298, “ACL_31 Rate Limit Control Register 1,” on page 300 summerizes the
ACL_RATE_CTRL1_31 Register 1
Table 3-298.
ACL_31 Rate Limit Control Register 1
17:15
R/W
0
ACL_CBS_31
Commited burst size for ingress rate
limit
14:0
R/W
0x7FFF
ACL_CIR_31
Ingress Rate Limit for all priority.
Rate is limited to times of 32kbps.
Default 15'h7FFF is for disable rate
limit for ingress. if these bits are set to
15'h0, no frame should be received in
from this port.
Bit
R/W
Inital
Value
Mnemonic
Description
Bit
R/W
Inital
Value
Mnemonic
Description
31:24
R/O
0
RESERVED
23
R/W
0
ACL_BORROW_EN_31
Borrow enable
22
R/W
0
ACL_RATE_UNIT_31
1: Packets/ 0: bytes
21
R/W
0
ACL_CF_31
Coupling flag for ingress rate limit
20
R/W
0
ACL_CM_31
Color mode for ingress rate limit
19:18
R/W
2'b01
ACL_RATE_TIME_SLOT_31
ACL Ingress rate limit control timer
slot.
2'b00: 100us;
2'b01: 1ms
2'b10: 10ms
2'b11: 100ms
Notes: if port rate limit set to less than
96kbps, don't select 100us as time slot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com