Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 337 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 337 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 333Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 334Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 335Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 336Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 337Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 338Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 339Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 340Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 341Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
337
Table 3-353.
HNAT Control Register
Bit
R/W
Inital
Value
Mnemonic
Description
31:23
R/O
0
RESERVED
22
R/W
0
NAPT_AGE_SPD_UP_STEP
0:Double
1:Quadruple
To control the speed up degree, if set as
0, double the aging speed, if set as
1,quadruple the aging speed;
21:20
R/W
2
NAPT_AGE_SPD_UP_THRESH
0:Disable;
1:1/4;
2:1/8,
3:1/16
The ratio of the remaining entry
number; when reach the ratio, aging
scheme will speed up
19:18
R/W
0
NAPT_UDP_AGE_STEP
0:1
1:2
2:3
3:4
To set the UDP aging step value
17:16
R/W
0
NAPT_TCP_AGE_STEP
0:1
1:2
2:3
3:4
To set the TCP aging step value,GRE
share the same setting;
15:8
R/W
0xa
NAPT_AGE_TIMER
28sxN
N=0, Aging Disable
NAPT and GRE share the same age
setting
7
R/W
0
NAPT_AGE_MODE
0:normal age mode;
1:stop age when napt age_flag is 1;
6:5
R/W
2
NAT_HASH_MODE
0: SP
1: SIP
2: SP+SIP
3: Reserved
4
R/W
1
NAPT_OVERWRITE_EN
1: when entry violation, new entry can
overwrite old entry;
0: Cannot overwrite;
3:2
R/W
0
NAPT_MODE
0: Full Cone Mode
1: Strict Cone Mode
2: Port strict mode/Symmetric Mode
3: Reserved
1
R/W
1
HNAT_EN
Enable or Disable Basic NAT
0
R/W
1
HNAPT_EN
Enable or Disable HNAPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com