Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 338 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 338 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 334Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 335Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 336Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 337Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 338Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 339Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 340Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 341Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 342Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 394 page
background image
338 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
338 • June 2011
COMPANY CONFIDENTIAL
3.9.16
NAPT_Entry_Lock_Control0
Address 0x0E3C
SFT&HD RST
Table 3-354, “NAPT Entry Lock Control Register 0,” on page 338 summerizes the
NAPT_Entry_Lock_Control0 Register 0
Table 3-354.
NAPT Entry Lock Control Register 0
3.9.17
NAPT_Entry_Lock_Control1
Address 0x0E40
SFT&HD RST
Table 3-355, “NAPT Entry Lock Control Register 1,” on page 338 summerizes the
NAPT_Entry_Lock_Control1Register
Table 3-355.
NAPT Entry Lock Control Register 1
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W
0
NAPT_SW_LOCK_EN0
When enabled, specific entry always
locked by software;
When disabled, lock_index show
locked entry by hardware itself.
30:11
R/O
0
RESERVED
10
R/O
0
NAPT_HW_LOCK_STATUS0
When software lock disable, the
HW_lock_status shows the lock status
by hardware;
9:0
R/WW
0
NAPT_LOCK_INDEX0
DEPEND:
napt_hw_lock_en0,napt_hw_lock_inde
x0[9:0], Entry index locked by software
or hardware;
Bit
R/W
Inital
Value
Mnemonic
Description
31
R/W
0
NAPT_SW_LOCK_EN1
When enabled, specific entry always
locked by software;
When disabled, lock_index show
locked entry by hardware itself.
30:11
R/O
0
RESERVED
10
R/O
0
NAPT_HW_LOCK_STATUS1
When software lock disable, the
HW_lock_status shows the lock status
by hardware;
9:0
R/WW
0
NAPT_LOCK_INDEX1
DEPEND:
napt_hw_lock_en1,napt_hw_lock_inde
x1[9:0],
Entry index locked by software or
hardware;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com