Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 346 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 346 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 342Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 343Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 344Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 345Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 346Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 347Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 348Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 349Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 350Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 394 page
background image
346 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
346 • June 2011
COMPANY CONFIDENTIAL
3.10.2
Status Register
Address Offset: 0x01, or 0d01
Table 3-367, “Status Register,” on page 346 summarizes the Register
Table 3-367.
Status Register
6
Speed Selection (MSB)
Mode
R/W
See bit 0.13
HW Rst
See Desc.
SW Rst
5:0
Reserved
Mode
RO
Will always be 00000.
HW Rst
000000
SW Rst
00000
Bit
Symbol
Type
Description
Bit
Symbol
Type
Description
15
100Base-T4
Mode
RO
100BASE-T4.
This protocol is not available.
0 = PHY not able to perform 100BASE-T4
HW Rst
Always 0
SW Rst
Always 0
14
100BASE-X
Full
Mode
RO
Capable of 100-Tx Full Duplex operation
HW Rst
Always 1
SW Rst
Always 1
13
100BASE-X
Half
Mode
RO
Capable of 100-Tx Half-Duplex operation
HW Rst
Always 1
SW Rst
Always 1
12
10 Mbps Full-
Duplex
Mode
RO
Capable of 10-Tx Full Duplex operation
HW Rst
Always 1
SW Rst
Always 1
11
10 Mbps Half
Mode
RO
Capable of 10 Mbps Half Duplex operation
HW Rst
Always 1
SW Rst
Always 1
10
100Base-T2
Full-Duplex
Mode
RO
Not able to perform 100BASE-T2
HW Rst
Always 0
SW Rst
Always 0
9
100Base-T2
Half-Duplex
Mode
RO
Not able to perform 100BASE-T2
HW Rst
Always 0
SW Rst
Always 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com