Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 348 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 348 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 344Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 345Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 346Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 347Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 348Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 349Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 350Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 351Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 352Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 394 page
background image
348 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
348 • June 2011
COMPANY CONFIDENTIAL
Table 3-368.
PHY Identifier
3.10.4
PHY Identifier 2
Address Offset: 0x03, or 0d03
Table 3-369, “PHY Identfier 2,” on page 348 summarizes the Register
Table 3-369.
PHY Identfier 2
3.10.5
Auto-negotiation Advertisement
Register
Address Offset: 0x04, or 0d04
Table 3-370, “Auto-negotiation Advertisement Register,” on page 348 summarizes the Register.
Table 3-370.
Auto-negotiation Advertisement Register
Bit
Symbol
Type
Description
15:0
Organizational
ly Unique
Identifer Bit
3:18
Mode
RO
Organizationally Unique Identifier bits 3:18
HW Rst
Always
16’h004d
SW Rst
Always
16’h004d
Bit
Symbol
Type
Description
15
OUI LSB
Model
Number
Revision
Number
Mode
RO
Organizationally Unique Identifier bits 19:24
HW Rst
Always
16’hd033
SW Rst
Always
16’hd033
Bit
Symbol
Type
Description
15
Next Page
Mode
R/W
The value of this bit will be updated immediately after
writing this register. But the value written to this bit does
not takes effect until any one of the following occurs:
o Software reset is asserted (register 0.15)
o Restart Auto-Negotiation is asserted (register 0.9)
o Power down (register 0.11) transitions from power down
to normal operation
o Link goes down
If 1000BASE-T is advertised then the required next pages
are automatically transmitted. Register 4.15 should be set
to 0 if no additional next pages are needed.
1 = Advertise
0 = Not advertised
HW Rst
0
SW Rst
Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com