Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 379 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 379 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 375Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 376Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 377Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 378Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 379Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 380Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 381Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 382Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 383Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
379
Device Address = 7
Table 3-403 summarizes the Register
Table 3-403.
AN XNP Transmit
3.13.4
AN XNP Transmit1
Address Offset: 0x017, or 0d23
Device Address = 7
Table 3-404, “AN XNP Transmit1,” on page 379 summarizes the Register
Table 3-404.
AN XNP Transmit1
3.13.5
AN XNP Transmit2
Address Offset: 0x018, or 0d24
Device Address = 7
Table 3-405, “AN XNP Transmit2,” on page 379 summarizes the Register
Table 3-405.
AN XNP Transmit2
3.13.6
AN LP XNP Ability
Address Offset: 0x019, or 0d25
Device Address = 7
Bit
Symbol
Type
Description
15:0
Xnp_22
Mode
R/O
A write to this register set
mr_next_page_loaded.
HW Rst
0
SW Rst
0
Bit
Symbol
Type
Description
15:0
Xnp_23
Mode
R/O
HW Rst
0
SW Rst
0
Bit
Symbol
Type
Description
15:0
Xnp_23
Mode
R/O
HW Rst
0
SW Rst
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com