Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 383 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 383 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 379Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 380Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 381Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 382Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 383Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 384Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 385Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 386Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 387Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 394 page
background image
Atheros Communications, Inc.
AR8327/AR8327N Seven-port Gigabit Ethernet
Switch
•
383
4. Electrical Characteristics
4.1 Absolute Maximum Ratings
Table 4-1 summarizes the absolute maximum
ratings and Table 4-2 lists the recommended
operating conditions for the AR8327. Absolute
maximum ratings are those values beyond
which damage to the device can occur.
Functional operation under these conditions,
or at any other condition beyond those
indicated in the operational sections of this
document, is not recommended.
NOTE: For a 2-layer PCB design, we strongly recommend the use of external power — 1.1V for AVDD and
DVDD. This will reduce thermal effects.
NOTE: For a four-layer PCB design, we strongly recommend the use of a reserve external power supply for
AVDD and DVDD when using the internal switch regulator.
4.2 Recommended Operating Conditions
4.3 RGMII/GMII Characteristics
Table 4-3 shows the RGMII/GMII DC
characteristics.
Table 4-1.
Absolute Maximum Ratings
Symbol
Parameter
Max Rating
Unit
AVDD
1.1 V digital core supply voltage
1.6
V
VDD25_IO
2.5 V digital supply voltage
3.0
V
DVDD
1.1 V digital supply voltage
1.6
V
VDD33
Analog 3.3 V supply voltage
4.0
V
Tstore
Storage temperature
–65 to 150
°C
ESD
Electrostatic discharge tolerance
2000
V
Table 4-2.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VDD33
3.3 V I/O voltage
3.0
3.3
3.6
V
VDD25_IO
2.5 V analog/digital
2.4
2.62
2.75
V
AVDD/DVDD
1.2 V analog/digital
1.15
1.2
1.26
V
Tambient
Ambient Temperature
25
C
TJ
Junction Temperature
0
120
C
JT
Thermal Dissipation Coefficient
2.5
C/W
Table 4-3.
RGMII/GMII DC Characteristics
Symbol
Parameter
Min
Max
Unit
VOH
Output high voltage
2.2
—
V
VOL
Output low voltage
—
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com