Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR8327-AL1A-R Datasheet(PDF) 386 Page - List of Unclassifed Manufacturers

Part # AR8327-AL1A-R
Description  Seven-port Gigabit Ethernet Switch
PDF  394 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AR8327-AL1A-R Datasheet(HTML) 386 Page - List of Unclassifed Manufacturers

Back Button AR8327-AL1A-R Datasheet HTML 382Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 383Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 384Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 385Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 386Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 387Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 388Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 389Page - List of Unclassifed Manufacturers AR8327-AL1A-R Datasheet HTML 390Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 394 page
background image
386 • AR8327/AR8327N Seven-port Gigabit Ethernet Switch
Atheros Communications, Inc.
386 • June 2011
COMPANY CONFIDENTIAL
Table 4-5.
XTAL/OSC Timing
4.5.2
MII Timing
Figure 4-3 shows the MII timing diagram.
Table 4-6.
MII Timing
Symbol
Parameter
Min
Typ
Max
Unit
T_XI_PER
XI/OSCI Clock Period
40.0 -
50ppm
40.0
40.0 +
50ppm
ns
T_XI_HI
XI/OSCI Clock High
14
20.0
ns
T_XI_LO
XI/OSCI Clock Low
14
20.0
ns
T_XI_RISE
XI/OSCI Clock Rise Time, VIL (max)
to VIH (min)
4ns
T_XI_FALL
XI/OSCI Clock Fall time, VIL (max)
to VIH (min)
4ns
V_IH_XI
The XTLI input high level
0.8
1.4
V
V_IL_XI
The xtli input low lever voltage
-0.3
0.15
V
Figure 4-3.
100BASE-TX MII Input Timing Diagram
TXCLK/RXCLK
TXEN
TXD[3:0]
ttxhold
ttxsu
tmiick
RXDV
RXD[3:0]
trxdly
Symbol
Parameter
Min
Typ
Max
Unit
tmiick
TXCLK/RXCLK Period
40
ns
ttxsu
TXEN and TXD to TXCLK rising
setup
10
ns
ttxhold
TXEN and TXD to TXCLK rising
hold
10
ns
ttxdly
RXCLK falling to RXDV, and RXD
Output Delay
08
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com